Part Number Hot Search : 
CM10EX ML6190A C3372 010JTF49 DILM8 S0400 5225B L3015
Product Description
Full Text Search
 

To Download LLE18010X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D159
LLE18010X NPN microwave power transistor
Product specification Supersedes data of December 1994 1999 Apr 22
Philips Semiconductors
Product specification
NPN microwave power transistor
FEATURES * Diffused emitter ballasting resistors providing excellent current sharing and withstanding a high VSWR * Interdigitated structure provides high emitter efficiency * Gold metallization realizes very good stability of the characteristics and excellent lifetime * Multicell geometry gives good balance of dissipated power and low thermal resistance * Internal input prematching ensures good stability and allows an easier design of wideband circuits. APPLICATION Intended for use in common emitter, class AB amplifiers in CW conditions for professional applications up to 2 GHz. DESCRIPTION NPN silicon planar epitaxial microwave power transistor in a SOT437A glued cap metal ceramic flange package, with emitter connected to flange.
2 Top view
handbook, 4 columns
LLE18010X
QUICK REFERENCE DATA Microwave performance up to Tmb = 25 C in a common emitter class AB amplifier. MODE OF OPERATION Class AB (CW) f (GHz) 1.85 VCE (V) 24 ICQ (mA) 10 PL1 (W) 1 Gpo (dB) 8.5 Zi; ZL () see Figs 6 and 7
PINNING - SOT437A PIN 1 2 3 collector base emitter connected to flange DESCRIPTION
1
c b
3
e
MAM112
Fig.1 Simplified outline and symbol.
WARNING Product and environmental safety - toxic materials This product contains beryllium oxide. The product is entirely safe provided that the BeO slab is not damaged. All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of the user. It must never be thrown out with the general or domestic waste.
1999 Apr 22
2
Philips Semiconductors
Product specification
NPN microwave power transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCER VCEO VEBO IC Ptot Tstg Tj Tsld Note 1. Up to 0.2 mm from ceramic. PARAMETER collector-base voltage collector-emitter voltage collector-emitter voltage emitter-base voltage collector current (DC) total power dissipation storage temperature junction temperature soldering temperature t 10 s; note 1 Tmb = 75 C CONDITIONS open emitter RBE = 220 open base open collector - - - - - - -65 - - MIN.
LLE18010X
MAX. 40 30 15 3 250 4.5 +150 200 235
UNIT V V V V mA W C C C
handbook, halfpage
6
MLC290
P tot (W) 4
2
0 50 0 50 100 150 Tmb ( oC)
Fig.2 Power derating curve.
1999 Apr 22
3
Philips Semiconductors
Product specification
NPN microwave power transistor
THERMAL CHARACTERISTICS SYMBOL Rth j-mb Rth mb-h PARAMETER thermal resistance from junction to mounting base thermal resistance from mounting base to heatsink CONDITIONS Tj = 100 C
LLE18010X
MAX. 22 0.2
UNIT K/W K/W
CHARACTERISTICS Tmb = 25 C unless otherwise specified. SYMBOL ICBO V(BR)CER V(BR)CBO V(BR)EBO hFE PARAMETER collector cut-off current collector-emitter breakdown voltage collector-base breakdown voltage emitter-base breakdown voltage DC current gain CONDITIONS IE = 0; VCB = 20 V IC = 1 mA; RBE = 220 IC = 1 mA IE = 0.5 mA IC = 125 mA; VCE = 5 V - 30 40 3 15 MIN. - - - 150 MAX. 11 V V V UNIT A
APPLICATION INFORMATION Microwave performance up to Tmb = 25 C in a common emitter class AB amplifier. MODE OF OPERATION Class AB (CW) f (GHz) 1.85 1.65 VCE (V) 24 24 ICQ (mA) 10 10 PL1 (W) 1 typ. 1.5 typ. 2 Gpo (dB) 8.5 typ. 10 typ. 11 C (%) typ. 40 typ. 47 Z i; Z L () see Figs 6 and 7 see Figs 6 and 7
1999 Apr 22
4
Philips Semiconductors
Product specification
NPN microwave power transistor
LLE18010X
handbook, full pagewidth
30
30
6.0
4.0
8.0 1.0 5.0
4.0
8.0
2.5
20.0 40 1.1 1.4 5.0 16.0 5.0 2.0 2.5 1.1 40
C3
V BB C4
VCC
F1 input L1 L2 output
C1
C2
MLC447
The test circuit is split into two independent halves, each being 30 x 40 mm in size. Dimensions in mm. Substrate: Teflon fibreglass. Thickness: 0.4 mm. Permittivity: r = 2.55.
Fig.3 Prematching test circuit board.
1999 Apr 22
5
Philips Semiconductors
Product specification
NPN microwave power transistor
LLE18010X
handbook, full pagewidth
BIAS CIRCUIT
PREMATCHING TEST CIRCUIT VCC
R1 TR1 C4 C3
R2 F1 P1 D1 R3 C5 L1 DUT L2
D2
MLC727
Fig.4 Class AB bias circuit.
List of components (see Figs 3 and 4) COMPONENT TR1 C1, C2 C3, C4 C5 D1 D2 L1 L2 P1 R1 R2 R3 F1 DESCRIPTION transistor, BDT91 or equivalent DC blocking chip capacitor feedthrough bypass capacitor electrolytic capacitor diode BY239 or equivalent; note 1 diode BY239 or equivalent; note 2 4 turns 0.5 mm copper wire; internal diameter = 2 mm 4 turns 0.5 mm copper wire; internal diameter = 2 mm linear potentiometer resistor resistor resistor ferrite bead 4.7 k 100 , 0.25 W 10 k, 0.25 W 56 , 0.25 W Philips tube, 12NC = 4330 030 43081 4.2 x 2.2 x 3.2 mm (4B1) 100 pF 1500 pF 10 F, >30 V ATC 100A101kp Erie 1250-003 VALUE ORDERING INFORMATION
Notes 1. In thermal contact with TR1. 2. In thermal contact with DUT.
1999 Apr 22
6
Philips Semiconductors
Product specification
NPN microwave power transistor
LLE18010X
Input and optimum load impedances VCE = 24 V; ICQ = 50 mA (see Figs 6 and 7); typical values at PL = PL1.
handbook, halfpage
1.6
MLC449
PL (W) 1.2
f (GHz) 1.50 1.60 1.70 1.80 1.90
Zi () 4.7 + j12.0 5.0 + j13.0 5.5 + j14.0 6.0 + j15.2 6.7 + j16.5
ZL () 8.2 + j21.7 7.3 + j20.5 6.5 + j19.0 6.2 + j17.5 5.9 + j16.0
0.8
0.4
0 0 0.05 0.1 0.15 0.2 0.25 P i (W)
VCE = 24 V; f = 1.85 GHz; ICQ = 10 mA.
Fig.5 Load power as a function of input power.
1999 Apr 22
7
Philips Semiconductors
Product specification
NPN microwave power transistor
LLE18010X
1
handbook, full pagewidth
0.5
2
1.9 GHz 0.2 1.7 GHz 1.5 GHz Zi 0 -j 10 0.2 5 0.2 0.5 2 5 10 5 10
+j
0.5 1 VCE = 24 V; Zo = 50 ; ICQ = 10 mA.
2
MLC450
Fig.6 Input impedance as a function of frequency; typical values at PL = PL1.
1
handbook, full pagewidth
0.5
2 1.5 GHz
0.2
1.7 GHz 1.9 GHz ZL 5 10 0.2 0.5 2 5 10
+j 0 -j 10 0.2 5
0.5 1 VCE = 24 V; Zo = 50 ; ICQ = 10 mA.
2
MLC451
Fig.7 Optimum load impedance as a function of frequency; typical values at PL = PL1. 1999 Apr 22 8
Philips Semiconductors
Product specification
NPN microwave power transistor
PACKAGE OUTLINE Flanged ceramic package; 2 mounting holes; 2 leads
LLE18010X
SOT437A
D
A F
3
D1
U1 q C
B c
1
H
U2 E1
E
A p w1 M A M B M
2
b w2 M C M Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 4.98 4.32 b 1.66 1.40 c 0.13 0.08 D 6.48 6.22 0.255 0.245 D1 6.48 6.22 E 6.48 6.22 E1 6.48 6.22 F 1.65 1.40 H 17.02 16.00 0.67 0.63 p 3.43 3.18 0.135 0.125 Q 2.29 2.03 0.90 0.80 q 14.22 0.560 U1 19.02 18.77 0.749 0.739 U2 6.48 6.22 w1 0.25 w2 0.51
0.196 0.065 0.005 0.170 0.055 0.003
0.255 0.255 0.245 0.245
0.255 0.065 0.245 0.055
0.255 0.010 0.020 0.245
OUTLINE VERSION SOT437A
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-03-29
1999 Apr 22
9
Philips Semiconductors
Product specification
NPN microwave power transistor
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
LLE18010X
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1999 Apr 22
10
Philips Semiconductors
Product specification
NPN microwave power transistor
NOTES
LLE18010X
1999 Apr 22
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
Internet: http://www.semiconductors.philips.com
SCA63
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
125002/00/02/pp12
Date of release: 1999 Apr 22
Document order number:
9397 750 05722


▲Up To Search▲   

 
Price & Availability of LLE18010X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X